Part Number Hot Search : 
L4312A 5SDD38H SR1090 D8NA9Y4 100M100 P220M 2N350707 100M100
Product Description
Full Text Search
 

To Download NRE-LS331M25V10X9F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors reduced size, extended range low profile, radial lead, polarized features ? low profile applications ? high stability and performance nre-ls series characteristics lead spacing and diameter (mm) standard product and case size table d x l (mm) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 50vdc capacitance range 22 ~ 10,000 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current @ 20c after 1 min. 0.03cv or 4 a, whichever is greater after 2 min. 0.01cv or 3 a, whichever is greater max. tan @ 120hz/+20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 c < 1,000 f 0.28 0.24 0.20 0.16 0.14 0.12 c = 2,200 f - - 0.22 0.18 0.16 0.14 c = 3,300 f 0.32 0.28 - 0.20 - - c = 4,700 f 0.34 - 0.26 - - - c = 6,800 f 0.36 0.32 - - - - c = 10,000 f 0.38 - - - - - low temperature stability inpedance ratio @ 120hz z-25c/z+20c 5 4 3 2 2 2 z-40c/z+20c 12 10 8 5 4 4 load life test at rated w.v. +85c 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 220 221 - - - - 10x9 - 330 331 - - - 10x9 - - 470 471 - - 10x9 - - 16x16 1,000 102 10x9 - - - 16x16 16x21 2,200 222 - - 16x16 16x16 18x21 18x25 3,300 332 16x16 16x16 - 18x21 - - 4,700 472 16x16 - 18x21 - - - 6,800 682 - 18x21 - - - - 10,000 103 18x21 - - - - - case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 dim. 1.5 1.5 1.5 1.5 1.5 2.0 2.0 *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nre-ls102m6.3v10x9f 1,000 6.3 0.28 500 0.46 2,000 nre-ls332m6.3v16x16f 3,300 0.32 1200 0.16 2,000 nre-ls472m6.3v16x16f 4,700 0.34 1400 0.12 2,000 nre-ls103m6.3v18x21f 10,000 0.38 2000 0.06 2,000 nre-ls332m10v16x16f 3,300 10 0.28 1250 0.14 2,000 nre-ls682m10v18x21f 6,800 0.32 1850 0.08 2,000 nre-ls471m16v10x9f 470 16 0.20 400 0.70 2,000 nre-ls222m16v16x16f 2,200 0.22 1100 0.17 2,000 nre-ls472m16v18x21f 4,700 0.26 1700 0.09 2,000 NRE-LS331M25V10X9F 330 25 0.16 350 0.80 2,000 nre-ls222m25v16x16f 2,200 0.18 1250 0.13 2,000 nre-ls332m25v18x21f 3,300 0.20 1700 0.10 2,000 nre-ls221m35v10x9f 220 35 0.14 300 1.06 2,000 nre-ls102m35v16x16f 1,000 0.14 1000 0.23 2,000 nre-ls222m35v18x21f 2,200 0.16 1500 0.12 2,000 nre-ls471m50v16x16f 470 50 0.12 700 0.42 2,000 nre-ls102m50v16x21f 1,000 0.12 1000 0.20 2,000 nre-ls222m50v18x25f 2,200 0.14 1600 0.11 2,000 miniature aluminum electrolytic capacitors nre-ls series standard product, specifications and case sizes d x l (mm) nre-ls 221 m 35v 10x9 tb f ... rohs compliant tape and box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series part number system *see taping speci cations for details


▲Up To Search▲   

 
Price & Availability of NRE-LS331M25V10X9F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X